Part Number Hot Search : 
PINE19 UC3842D1 150200 F1892RD1 0BVXI 64000 3A224M LC22024A
Product Description
Full Text Search
 

To Download UMJ1C100MDL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
MJ
5.2mmL MAX.
series
5.2mmL MAX. height. Adapted to the RoHS directive (2002/95/EC).
MA SA * SR
Smaller
MJ
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics
- 40 ~ +85C 4 ~ 50V 0.1 ~ 220F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (A), whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
4 0.35
6.3 0.26 4 7 15
10 0.20 6.3 4 8
16 0.16 10 3 8
25 0.14 16 2 4 25 2 4
35 0.12 35 2 3
50 0.12 50 2 3
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 40C / Z+20C
Endurance
After 1000 hours' application of rated voltage at 85C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Black print on the case top.
Radial Lead Type
Lot No. Trade mark Capacitance Voltage Laminated case
Bd
Type numbering system (Example : 25V 10F)
UM J 1 E 1 0 0 MD L
P 0.5
1 2 3 4 5 6 7 8 9 10 11 Configuration Code 4 ~ 6.3 DL
BD
X2 10 16V
+0.5MAX
5.2MAX.
Voltage mark for 6.3V is [6V].
15MIN
4MIN
BD
4 5 6.3 P 1.5 2.0 2.5 Bd 0.45 0.45 0.45
(mm)
Capacitance tolerance ( 20%) Rated Capacitance (10F) Rated voltage (25V) Series name Type
16 1C 25 1E 35 1V
Dimensions
Cap.(F) V Code
BD
4 0G
6.3 0J
10 1A
50 1H 4 4 4 4 4 4 4 5 6.3 1.0 2.0 2.8 4.0 8.4 13 17 20 33
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221
4 4 5 6.3
28 33 56 96
4 5 5 6.3
28 37 45 70
5 5 6.3
33 41 52
4 5 6.3 6.3
23 37 49 58
4 5 6.3 6.3
16 27 42 52
4 5 6.3
18 29 46
Case size D (mm)
Rated ripple
Rated Ripple (mArms) at 85C 120Hz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz ~ 1.50
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UMJ1C100MDL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X